PART |
Description |
Maker |
LT1930 LT1930A LT1930AES5 LT1930ES5 LT1930-15 LT19 |
From old datasheet system DC to DC Converter - Datasheet Reference 2.2MHz Boost DC/DC Converter in SOT-23 1A, 1.2MHz/2.2MHz,
Step-Up DC/DC Converters
in ThinSOT 1A/ 1.2MHz/2.2MHz/ Step-Up DC/DC Converters 1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
|
LINER[Linear Technology] Linear Technology Corporation
|
MIC2601 MIC2601YML MIC2602YML MIC2602 |
1.2A, 1.2MHz/2MHz Wide Input Range Integrated Switch Boost Regulator
|
Micrel Semiconductor
|
MIC260509 MIC2606 |
0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
|
Micrel Semiconductor
|
MIC2605 MIC2605YML MIC2606YML |
0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
|
Micrel Semiconductor
|
LBS13402 |
134.2MHz SAW Filter 2MHz Bandwidth
|
SIPAT Co,Ltd
|
CDBW120-G |
Schottky Barrier Rectifiers Diodes, V-RRM=20V, V-R=20V, I-O=1A
|
Comchip Technology
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
LT1638 LT1639 |
1.2MHz, 0.4V/μs Over-The-TopTM
Micropower Rail-to-Rail Input and Output Op Amps(1.2MHz, 0.4V/μs,微功耗双路满幅度输入和输出运算放大器) 1.2MHz, 0.4V/μs Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps(1.2MHz, 0.4V/μs,微功耗双路满幅度输入和输出运算放大器) 1.2MHz的,0.4V/μs的Over - The - TopTM微轨到轨输入和输出运算放大器1.2MHz的,0.4V/μs,微功耗双路满幅度输入和输出运算放大器 1.2MHz, 0.4V/μs Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps(1.2MHz, 0.4V/μs,微功耗四路满幅度输入和输出运算放大器) 1.2MHz的,0.4V/μs的Over - The - TopTM微轨到轨输入和输出运算放大器1.2MHz的,0.4V/μs,微功耗四路满幅度输入和输出运算放大器
|
Linear Technology Corporation Linear Technology, Corp.
|
ADS929 ADS-929 ADS-929_883 ADS-929GC ADS-929GM ADS |
14-Bit, 2MHz, Low-Power Sampling A/D Converters 14位,2MHz的,低功耗采样A / D转换 14-Bit/ 2MHz/ Low-Power Sampling A/D Converters 14-Bit 2MHz Low-Power Sampling A/D Converters
|
Datel Electronic Theatre Controls, Inc. ETC[ETC] Murata Power Solutions Inc. List of Unclassifed Manufacturers
|
LT1638HS8 LT1639HS LT1638CDD LT1638IDD LT1638IMS8 |
1.2MHz, 0.4V/us Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 1.2MHz, 0.4V/μs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/渭s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/レs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
|
LINEAR TECHNOLOGY CORP
|
LTC3400 LTC3400BES6 LTC3400ES6 LTC3400B |
600mA/ 1.2MHz Micropower Synchronous Boost Converter in ThinSOT 1.2MHz, 600mA Micropower Synchronous Boost Converter in ThinSOT SMPS Controller - Datasheet Reference From old datasheet system 600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
|
Linear Technology Corp LINER[Linear Technology]
|
40/369850VA 40/369550VA 40/369420VA 40/369320VA |
TRANSFORMER 50VA 2X 20V TRANSFORMER 20VA 2X 20V 220V的变压器20VA 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit RINGKERNTRAFO 20VA
|
PHOENIX CONTACT Deutschland GmbH
|